Part Number Hot Search : 
R0293B08 N4140 2N2221A2 BT123 UT136F F06T4 RB501 C3D02065
Product Description
Full Text Search
 

To Download HG4104L110A-2Z4DC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  miniature general purpose relay hg4104l hg4104l 1/4 features typical applications miniature type, general purpose applications machine tools medical equipment industrial control transportation dc and ac coil available ul, cur approved various mounting options include socket, pcb and flange 1 to 2 poles contact form 15a contact capacity contact rating ul /cur rating contact data coil data form form material service life initial contact resistance resistance inductive general use 1 form c (1z) 1 form c (1z) 2 form c (2z) 2 form c (2z) 15a, 220vac/28vdc 3300va/420w 2200va/280w 15a, 250vac/30vdc 10a, 240vac/30vdc 10a, 220vac/28vdc 10a, 250vac 10a, 240vac/30vdc 1/3 hp, 240vac/120vac 10a 250vac/125vdc 15a rated load max. switching current max. switching voltage max. switching power mechanical agcdo 10 5 ops. 2 x 10 7 ops. 50 m ? max. at 1a, 24vdc electrical coil voltage code type dc ac nominal voltage resistance ( ? ) 10% power consumption must operate voltage max. (vdc/ vac) must release voltage min. (vdc/vac) (vdc/ vac) 005 006 012 024 048 110 006a 012a 024a 048a 120a 220a /240a 5 6 12 24 48 110 6 12 24 48 120 220/240 27.5 40 160 0.9w 1.2va 650 2600* 11000* 11.5 46 184 735 4550* 14400* 4.0 4.8 9.6 19.2 38.4 88.0 4.8 9.6 19.2 38.4 96.0 176.0 0.5 0.6 1.2 2.4 4.8 11.0 1.8 3.6 7.2 14.4 36.0 66.0
hg4104l hg4104l 2/4 operate time release time insulation resistance dielectric strength shock resistance weight vibration resistance ambient temperature characteristics reference curves overall dimensions, mounting holes and wiring diagrams (mm) 25 ms. 25 ms. 1000 m ? , at 500 vdc, 50%rh 1500 vrms, 1 min. between coil and contacts 10 g, 11ms. functional; 100 g, destructive da 1.5 mm, 10 - 55 hz -55oc to 70oc 37 g, approx. 1000 vrms, 1 min. between open contacts overall dimensions and wiring diagrams, solder lug version, 1 form c 2z: 2 form c nil: solder lug; 4: pcb nil: without led; d: with led c: agcdo; s: agsnoino 6: top flange; 6a: bottom flange; 6b: lateral flange version indicator contact material ordering designation model nil: dc coil; a: ac coil 1z: 1 form c dc/ac contact form coil voltage code example: hg4104l / 012 a - 2z 6 d c
hg4104l hg4104l 3/4 overall dimensions and mounting holes, top flange version, 1 form c overall dimensions and wiring diagrams, solder lug version, 2 form c overall dimensions and wiring diagrams, pcb terminal version, 2 form c overall dimensions and mounting holes, top flange version, 2 form c
hg4104l hg4104l 4/4 overall dimensions and mounting holes, bottom flange version, 2 from c overall dimensions and mounting holes, lateral flange version, 2 from c notes 1. all parameters, unless otherwise specified, are measured at ambient temperature 23oc. 2. coil resistance with * mark is 15%. 3. custom-made services available with operational quantity. please let us know your special requirements. 4. specifications subject to change without prior notice.


▲Up To Search▲   

 
Price & Availability of HG4104L110A-2Z4DC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X